Part Number Hot Search : 
KMOC3011 TEVAL MN3866S PJ16148L SPD9105W GC7910F MGH2812D IIRL3103
Product Description
Full Text Search
 

To Download MBRF20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
MBRF2020CT
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
THRU MBRF20100CT
20 Amp
Schottky
Low Power Loss High Efficiency Low Forward Voltage , High Current Capability High surge capacity Case : ITO-220AB Full Molded Plastic Package
Barrier Rectifier 20 to 100 Volts
Maximum Ratings
* * Operating Junction Temperature: -50C to +150C Storage Temperature: -50C to +150C Microsemi Catalog Number MBRF2020CT MBRF2030CT MBRF2040CT MBRF2045CT MBRF2050CT MBRF2060CT MBRF2080CT MBRF20100CT Device Marking Maximum Recurrent Peak Reverse Voltage 20V 30V 40V 45V 50V 60V 80V 100V 20 A 150A Maximum RMS Voltage 14V 21V 26V 31.5V 35V 42V 56V 70V Maximum DC Blocking Voltage 20V 30V 40V 45V 50V 60V 80V 100V
ITO-220AB
B C K
PIN 1 2 3
L M D A
F2020CT F2030CT F2040CT F2045CT F2050CT F2060CT F2080CT F20100CT
E F O I J N HH PIN 1 PIN 3 PIN 2 G
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 2020CT-2045CT 2050CT-2060CT 2080CT-20100CT Maximum DC Reverse Current At Rated DC Blocking Voltage IF(AV) IFSM TC = 100C 8.3ms, half sine
A B C D E F G H I J K L M N O
MM 14.80 --2.55 6.30 ----13.00 2.55 ----3.00 ----2.50 --0.90 0.80 3.40 4.80 3.30 2.90 1.40 15.40 10.30 2.85 6.90 4.10 1.80 13.80
VF
.84V .95V .85V
TJ = 25C IFM = 20A; IFM = 20A; IFM = 10A;
IR
0.5mA 50mA
TC = 25C TC = 100C
INCHES .583 .606 --.406 .100 .112 .248 .272 --.161 --.071 .512 .543 .100 --.035 --.032 .118 .134 --.189 --.130 .098 .114 --.055
. www mccsemi.com
MBRF2020CT thru MBRF20100CT
40
MCC
INSTANTANEOUS FORWARD CURRENT
10 8 6 4 2 1.0 .8 .6 .4 .2 .1
25.0
AVERAGE FORWARD CURRENT
20.0 15.0 10.0 5.0 0 150
0
50
O
100
.4
.5
.6
.7
.8
.9
1.0
1.1
CASE TEMPERATURE, C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
INSTANTANEOUS REVERSE CURRENT, MILAMPERES
100 TC = 100OC 150
PEAK FORWARD SURGE CURRENT,
10 TC = 75OC 1.0 TC = 25OC 0.1
120 110 90 70 50 30 20 10 1 2 5 10 20 50 100
.01
0
100
200
300
NO. OF CYCLE AT 60HZ
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
400 350
CAPACITANCE, pF
300 250 200 150 0 1 2 5 10 20 50 100 200 500
REVERSE VOLTAGE, VOLTS
Fig.5- TYPICAL JUNCTION CAPACITANCE
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBRF20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X